Part Number Hot Search : 
3KP130A 01762 KBPC5000 4X001 PN268NC Y100E TDA2125A D2031UK
Product Description
Full Text Search
 

To Download RGP10M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rgp10a rgp10b rgp10d rgp10g rgp10j rgp10k RGP10M 1000 50 100 200 400 600 800 50 100 200 400 600 800 1000 35 70 140 280 420 560 700 65 30 1.0 1.3 5.0 200 ?? ? 50 ---1000 v 1.0 a 150 300 15 v a ns ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? operating junction and storage temperature range -55 --- +150 v v v a a /w v rrm v rms v dc i f(av) i fsm features ? low reverse leakage ?? high forward surge capability o?? high temperature soldering guaranteed: 260 /10 , 0.375" (9.5mm) ?? 260 /10 seconds, 0.375" (9.5mm) lead length, ?? 5 (2.3kg) 5 lbs. (2.3kg) tension mechanical data : terminals: plated axial leads : ?? polarity: color band denotes cathode end ? : mounting position: any tj, tstg ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. symbols unit plastic fast recover rectifiers reverse voltage 50 to 1000v forward current 1.0a ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. ta= 25 ?? i f =0.5a i r =1.0a i rr =0.25a ? v r = 4.0v, f = 1mhz i r trr maximum reverse current type junction capacitance symbols unit max. reverse recovery time v f i f = 1.0a ? maximum forward voltage c j pf ta=100 r ja rgp10a ...... RGP10M siyu r 1.0(25.4) min .205(5.2) .166(4.2) 1.0(25.4) min .107(2.7) .080(2.0) dia dia .034(0.9) .028(0.7) do-41 unit inch mm 250 dachang electronics rgp10a rgp10b rgp10d rgp10g rgp10j rgp10k RGP10M ??? rohs ? lead and body according with rohs standard
rgp10a ...... RGP10M siyu r i f (a) ?? ? v f (v) ? ta( c ) ? ?? i fsm (a) ? i f(av) (a) ??? characteristic curves typical forward characteristic forward current derating curve i f instantaneous forward current (a) v f instantaneous forward voltage (v) tamb, ambient temperature (c) i f(a) average forward rectified current (a) maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) 0.6 0.8 1 1.2 1.4 1.6 0.01 0.1 0.2 1 2 10 tj = 25 c 10mm 10mm 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 10mm 10mm 1 2 4 6 10 20 40 100 40 30 20 10 0 dachang electronics


▲Up To Search▲   

 
Price & Availability of RGP10M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X